PART |
Description |
Maker |
TE28F640J3 TE28F256J3 TE28F320J3C-110 TE28F128J3A- |
8M X 16 FLASH 2.7V PROM, 120 ns, PDSO56 Intel StrataFlash Memory (J3) Strata Flash Memory 256M 256M Strata Flash Memory
|
NUMONYX Intel Corporation
|
S29AL016J55TFIR10 S29AL016J55FFIR20 S29AL016J55TFI |
1M X 16 FLASH 3V PROM, 55 ns, PDSO48 LEAD FREE, MO-142DDD, TSOP-48 1M X 16 FLASH 3V PROM, 55 ns, PBGA64 1M X 16 FLASH 3V PROM, 55 ns, PBGA48 1M X 16 FLASH 3V PROM, 55 ns, PDSO56
|
Spansion, Inc. SPANSION LLC
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
LE25FU206 LE25FU206MA |
2M-bit Serial Flash Memory 256M X 8 FLASH 2.7V PROM, PDSO8
|
Sanyo Semicon Device
|
CAT28F001N-15TT CAT28F001P-70B CAT28F001N-15BT CAT |
128K X 8 FLASH 12V PROM, 150 ns, PDIP32 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 x8 Flash EEPROM x8闪存EEPROM 1 Megabit CMOS Boot Block Flash Memory
|
Ironwood Electronics Atmel, Corp. Rectron Semiconductor http://
|
AS8FLC2M32BP-70/IT 5962-0824504HXC 5962-0824502HXC |
2M X 32 FLASH 3V PROM, 70 ns, CPGA66 HERMETIC SEALED, CERAMIC, HIP-66 2M X 32 FLASH 3V PROM, 70 ns, CQFP68 2M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
Micross Components
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AT49F002N-90JC AT49F002NT-70JL AT49F002NT-90JL AT4 |
256K X 8 FLASH 5V PROM, 70 ns, PQCC32 PLASTIC, MS-016AE, LCC-32 256K X 8 FLASH 5V PROM, 90 ns, PQCC32 PLASTIC, MS-016AE, LCC-32 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 PLASTIC, MS-016AE, LCC-32 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 PLASTIC, MS-016AE, LCC-32 550NS,PDIP,IND TEMP,5.0V(FLASH) 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 256K X 8 FLASH 5V PROM, 55 ns, PDSO32
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL CORP
|
S29GL032N90FAI033 S29GL032N90BAI043 S29GL032N70TAI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 90 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PDSO56 2M X 16 FLASH 3V PROM, 90 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
S29NS016J0PBJW003 S29NS064J0LBJW000 |
110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories 1M X 16 FLASH 1.8V PROM, 65 ns, PBGA44 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44
|
Spansion, Inc. SPANSION LLC
|
AT49BV8192A-15TC AT49BV8192A-15TI AT49BV8192A-20CC |
LM431 Adjustable Precision Zener Shunt Regulator; Package: SOT-23; No of Pins: 3 512K X 16 FLASH 3V PROM, 120 ns, PDSO40 8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory 1M X 8 FLASH 5V PROM, 200 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
|